Part Number Hot Search : 
LS5D28 12C10 TY445ALZ 23S270 TS512 00809 DG77B UPA1758
Product Description
Full Text Search
 

To Download PC100F5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD MODULE
FEATURES
* Isolated Base * Dual Diode Cathode Common * Ultra Fast Recovery * High Surge Capability * UL Recognized, File No. E187184
100A/500V/trr:100nsec
PC100F5
OUTLINE DRAWING
TYPICAL APPLICATIONS
* High Frequency Rectification
Maximum Ratings
Voltage Rating
Repetitive Peak Reverse Voltage per Arm Symbol VRRM
Approx Net Weight:210g
PC100F5
500
Unit
V
Electrical Electrical Rating
Average Rectified Output Current RMS Forward Current Surge Forward Current I Squared t Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Mounting torque
Condition
Rating
50Hz Half Sine Wave condition IO 100 A per Arm Tc=84C IF(RMS) per Arm 157 A 50 Hz Half Sine Wave,1cycle IFSM 1800 A Non-repetitive per Arm I2t 2 msec to 10 msec per Arm 16200 A2s Tjw -40 to +150 C Tstg -40 to +125 C Viso Base Plate to Terminal, AC1min 2000 V Case mounting(recommended) 2.6 Ftor N*m Terminal Screw(recommended) 1.4
Electrical * Thermal Characteristics
Characteristics
Peak Forward Voltage Peak Reverse Current Reverse Recovery Time Thermal Resistance Internal Lead Inductance Symbol VFM IRM Test Conditions Max. Unit 1.35 10 100 0.5 0.1 30 V mA ns C/W nH IFM= 100A, Tj=25C, per Arm VRM= VRRM, Tj= 150C, per Arm IFM= 10A, -di/dt= 50 A/s, Ta= 25C trr Per Arm Rth(j-c) Junction to Case per Arm Base Plate to Heat Sink with Thermal Rth(c-f) Compound Anode Terminal to Cathode Terminal Ls Per Element
PC100F5 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PC100F5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X